PART |
Description |
Maker |
LTM2881 LTM2881CV-3 LTM2881CV-3PBF LTM2881CV-5 LTM |
Complete Isolated RS485/RS422 楼矛Module Transceiver Power Complete Isolated RS485/RS422 μModule Transceiver Power
|
Linear Technology
|
IL3222TR13 IL3285 IL3285E IL3285ETR13 IL3285TR13 I |
Fractional Load RS485 and RS422 Transceivers
|
http:// List of Unclassifed Manufacturers ETC[ETC]
|
LTC2852CDDPBF LTC2851IS8PBF LTC2850CMS8PBF LTC2850 |
3.3V 20Mbps RS485/RS422 Transceiver; Package: DFN; No of Pins: 10; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO10 3.3V 20Mbps RS485/RS422 Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC2865 LTC2863-15 LTC2862-15 |
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
|
Linear Technology
|
SP1486E SP1486EEN-L SP1486EEN-L_TR SP1486EEN-L/TR |
5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 隆戮15kV ESD-Protected 5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, ±15kV ESD-Protected
|
Exar Corporation
|
SP1486EMN-L SP1486E SP1486EEN-L |
5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 【15kV ESD-Protected
|
SIPEX[Sipex Corporation]
|
MAX2511 MAX252 MAX252ACHL MAX252AEHG MAX252BCHL MA |
From old datasheet system Complete, 5V-Powered, Isolated, Dual RS-232 Transceiver Module Complete / 5V-Powered / Isolated / Dual RS-232 Transceiver Module Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-19 RoHS Compliant: No
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
IL485WTR13 IL485WE |
Isolated RS485 Interface With Handshake
|
RHOPOINT COMPONENTS
|
IL3585 |
PROFIBUS Compatible Isolated RS485 Interface
|
NVE
|
MAX1480 MAX1480A MAX1480ACPI MAX1480AEPI MAX1480B |
Complete / Isolated RS-485/RS-422 Data Interface Complete, Isolated RS-485/RS-422 Data Interface
|
MAXIM - Dallas Semiconductor Maixm Maxim Integrated Products
|
AD5240 AD5240KD AD5240SD ADADC84 ADADC84-10 ADADC8 |
Fast, Complete 10-Bit A/D Converters FAST, COMPLETE 12-BIT A/D CONVERTERS 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor FAST/ COMPLETE 12-BIT A/D CONVERTERS Fast,Complete 12 Bit A/D Converter(快完备2位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|